Part Number Hot Search : 
45000 TLE4284 10SMC FR350 PI2121 94C10 MH8100F 10N65B
Product Description
Full Text Search
 

To Download 85013-2244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850132244 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 header, through hole, vertical, style r reverse, 1m (40") selective gold (au), 64 circuits, lead free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85013 application daughtercard component type pcb header overview din_41612 product name iec 603-2/din 41612 style r physical circuits (loaded) 64 circuits (maximum) 96 circuits detail rows a & c durability (mating cycles max) 500 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes number of columns 32 number of pairs open pin field number of rows 3 orientation vertical pc tail length (in) 0.110 in pc tail length (mm) 2.90 mm pcb locator no pcb retention yes packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 39 plating min: mating (m) 1 polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c electrical current - maximum per contact 2.5a data rate 622.0 mbps real signals (per 25mm) 30 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85013 series mates with 85042 din 41612 receptacle . 85052 din 41612 header
shield type n/a shielded no voltage - maximum 1000v (rms) material info reference - drawing numbers sales drawing sd-85013-2244, sda-85013-0001, sda-85013-2244 this document was generated on 05/17/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 85013-2244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X